Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP5501 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP5501
Description  Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5501 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP5501 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FP5501-1.7-JAN-2013
FP5501
fitipower integrated technology lnc.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VCC
Power supply pin.
2
VIN4
Input pin.
3
VIN3
Input pin.
4
VIN1
Input pin.
5
VIN2
Input pin.
6
VSS
Ground pin.
7
VOUT2
Output sinking or driving current pin.
8
VOUT 1
Output driving or sinking current pin.
9
VOUT 3
Output sinking or driving current pin.
10
VOUT 4
Output driving or sinking current pin.
Block Diagram
Figure 2.
Block Diagram of FP5501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com