Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP5501 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP5501
Description  Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5501 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP5501 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FP5501-1.7-JAN-2013
FP5501
fitipower integrated technology lnc.
Electrical Characteristics
(Unless otherwise noted, TA=25°C & VCC=3V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
1.8
3.0
5.5
V
Supply Current
( ICC + ISS)
ICC0
VVIN1, VIN2, VIN3, VIN4=0V
-
0.1
10
μA
ICC1
VVIN1, VIN2, VIN3, VIN4
≠0V
-
0.15
0.4
mA
VIN 1 / VIN 2 / VIN3 / VIN4 Input Terminal ( TJ=25°C)
Input Voltage
“H”
VINH
1.5
-
V
Input Voltage
“L”
VINL
-
0.4
V
Input Voltage Hysteresis
VHsy
-
0.42
-
V
Input Curre
nt “H”
IINH
VIN=VCC
-
-
5
μA
Input Curre
nt “L”
IINL
VIN=0V
-
-
5
μA
VOUT1 / VOUT 2 / VOUT 3 / VOUT 4 Output Terminal (TJ=25°C)
Output Voltage
(Upper + Lower)
VSAT1
IOUT=200mA
-
0.22
0.4
V
VSAT2
IOUT=400mA
-
0.46
0.7
V
Thermal Protection Circuit
Protection Temperature
TTSD
VVIN1, VIN2, VIN3, VIN4=H
-
150
-
°C
Temperature Hysteresis
THsy
VVIN1, VIN2, VIN3, VIN4=H
-
25
-
°C
Truth Table
VIN1 or 3
VIN2 or 4
VOUT1 or 3
VOUT2 or 4
Mode
Low
Low
OFF
OFF
Standby
High
Low
High
Low
Forward
Low
High
Low
High
Reverse
High
High
---
---
Keep the Previous Mode (Forward / Reverse)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com