Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP5501 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP5501
Description  Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5501 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FP5501 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP5501 Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FP5501-1.7-JAN-2013
FP5501
fitipower integrated technology lnc.
Function Description
Device Operation
The FP5501 is a dual full-bridge low voltage motor driver capable of operating one stepper motor or up to two
dc motors.
MOSFET output stages substantially reduce the voltage drop and the power dissipation of the
outputs of the FP5501 compared to typical drivers with bipolar transistors.
Internal circuit protection includes
thermal shutdown with hysteresis and crossover current protection.
The FP5501 is designed for portable
applications with a power-off (sleep mode) current of 100nA typical, and an operating voltage of 1.8V to 5.5V.
The FP5501 logic inputs are 3 to 5V logic compatible.
In conditions where the logic supply voltage drops below 1.8V, both the sink and the source voltage drop will
increase beyond the specified values.
In extreme cases, no power will be delivered to the motors.
However,
the device will not be damaged.
In stepping operation, the device can drive in either full- or half-step mode.
The stepping mode is set by the
signal pattern on the Inx terminals, as shown in the stepping timing diagrams.
Sleep Mode
Pulling all inputs to 0.4V or less, sends the FP5501 to sleep mode, during which it draws 100nA typical.
Thermal Shutdown
The FP5501 will disable the outputs if the junction temperature reaches 150ºC.
When thermal shutdown is
entered, after the junction temperature drops 15ºC, the outputs will be re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com