Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6360 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6360
Description  1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6360 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6360 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FP6360-1.4-MAY-2013
FP6360
fitipower integrated technology lnc.
Preliminary
Electrical Characteristics
(VIN=3.6V, EN=VIN, TA= 25ºC, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating Input Voltage
VIN
2.5
5.5
V
Quiescent Current
IQ
VFB=0.63V or VOUT=105%,
IO=0mA
50
70
µA
Shutdown Current
ISD
EN=GND
0.1
1
EN High-Level Input Voltage
VIH
1.3
V
EN Low-Level Input Voltage
VIL
0.4
V
EN Input Leakage Current
ILKG
EN=GND or VIN
0.01
1
µA
N-Channel MOSFET
On-Resistance
(Note2)
RDS(ON)
ILX = 100mA
250
300
mΩ
P-Channel MOSFET
On-Resistance
(Note2)
RDS(ON)
ILX = 100mA
280
330
mΩ
Oscillator Frequency
fs
1500
kHz
P-Channel Current Limit (Note2)
ILIM
VFB=0.5V
1.4
1.5
A
Under Voltage Lock Out Voltage
UVLO
1.8
V
UVLO Hysteresis
VHYS
0.1
V
FB Input Leakage Current
IFB
VFB= VIN
0.01
1
µA
LX Leakage Current
VIN=3.6V, VLX=0V or VLX=3.6V
-1
1
µA
Reference Voltage
VREF
0.588
0.6
0.612
V
Output Voltage Accuracy (Fix)
△ VOUT
-2
+2
%
Line Regulation
△ VLINE
VIN =VO+0.5V to 5.5V; IO = 10mA
0.05
%/V
Load Regulation
△ VLOAD
IO = 10mA to 1A
0.8
%/A
Thermal Shutdown Temperature
(Note2)
TSD
160
°C
ΔTSD
Hysteresis
20
°C
Note 2:Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com