Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6360 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6360
Description  1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6360 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6360 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FP6360-1.4-MAY-2013
FP6360
fitipower integrated technology lnc.
Preliminary
Typical Performance Curves (Continued)
Figure 10. Load Transient Response
Figure 11. Load Transient Response
Figure 12. Load Transient Response
Figure 13. Load Transient Response
Figure 14. Output Ripple Voltage
Figure 15. Output Ripple Voltage
CH1: Output Voltage, AC-Coupled
CH4: IOUT Current
CH1: Output Voltage, AC-Coupled
CH4: IOUT Current
CH1: Output Voltage, AC-Coupled
CH4: IOUT Current
CH1: Output Voltage, AC-Coupled
CH4: IOUT Current
VIN=3.6V, VOUT=1.2V, IOUT= 50mA to 1A
VIN=3.6V, VOUT=1.2V, IOUT= 50mA to 0.5A
VIN=5V, VOUT=1.2V, IOUT= 50mA to 1A
VIN=5V, VOUT=1.2V, IOUT= 50mA to 0.5A
VIN=3.6V, VOUT=1.2V, IOUT= 1A
VIN=5V, VOUT=1.2V, IOUT= 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com