Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6360 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6360
Description  1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6360 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6360 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6360 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FP6360-1.4-MAY-2013
FP6360
fitipower integrated technology lnc.
Preliminary
1.5MHz, 1A, High-Efficiency PWM
Synchronous Step-Down Converter
Pin Assignments
WD Package TDFN-6 (2mmx2mm)
1
4
5
6
3
2
NC
EN
VIN
LX
GND
FB/VOUT
TOP VIEW
WQ Package TQFN-16 (3mmX3mm)
GND
GND
GND
FB/VOUT
VIN
VIN
NC
NC
1
9
10
11
12
4
3
2
5
6
7
8
13
14
15
16
GND
TOP VIEW
Figure 1. Pin Assignment of FP6360
Ordering Information
TDFN-6(2mmx2mm) Marking
Part Number
Product
Code
Part Number
Product
Code
FP6360-10WDG
X3=
FP6360-18WDG
X7=
FP6360-12WDG
X4=
FP6360-25WDG
X8=
FP6360-15WDG
X5=
FP6360-33WDG
X9=
FP6360-16WDG
X6=
FP6360WDG
Y1=
Description
The FP6360 is a high efficiency, low-noise, DC-DC
step-down pulse width modulated (PWM) converter.
The 100% duty cycle feature provides low dropout
operation, extending battery life in portable systems.
The switching frequency can be controlled by the
external resistor.
The internal synchronous switch increases efficiency
and eliminates the need for an external Schottky
diode.
Shutdown mode places the device in
standby, reducing quiescent supply current to less
than 1µA.
The current limit protection and on-chip thermal
shutdown features provide protection against any
combination of overload or ambient temperature.
Features
Synchronous Rectification:
Approach 95% Efficiency
2.5V to 5.5V Input Voltage Range
Real Shutdown Isolated Load from Battery
Internal Compensation without External
Capacitors and Resistors
No Schottky Diode Required
Low Dropout Operation: 100% Duty Cycle
Fixed Frequency Operation at 1.5MHz
Very Low Shutdown Current at 0.1µA
RoHS Compliant
Applications
Cellular Phone
Handheld Instrument
Wireless LAN
MP3 Portable Audio Player
Battery Operated Device
G: Green
TR: Tape/Reel
FP6360
□□□□
Package Type
WD: TDFN-6 (2mm×2mm)
WQ: TQFN-16 (3mmX3mm)
Output Voltage
Blank: Adjustable
-10: 1.0V
-18: 1.8V
-12: 1.2V
-25: 2.5V
-15: 1.5V
-33: 3.3V
-16: 1.6V


Similar Part No. - FP6360

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
FP6361WQGTR FITIPOWER-FP6361WQGTR Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
FP6366 FITIPOWER-FP6366 Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
FP6366S5G FITIPOWER-FP6366S5G Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
FP6366S5P FITIPOWER-FP6366S5P Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
More results

Similar Description - FP6360

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6366 FITIPOWER-FP6366 Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com