Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6367 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6367
Description  1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6367 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6367 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FP6367-1.3-MAR-2013
FP6367
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=3.6V, RUN=VIN, TA= 25ºC, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating Input Voltage
VIN
2.5
5.5
V
Output Voltage Range
VO
0.8
VIN
V
Supply Current
ISUP
VFB=0.5V or VOUT=90%, IO=0mA
300
400
µA
VFB=0.62V or VOUT=103%,
IO=0mA
20
35
Shutdown Current
ISD
RUN=GND
0.1
1
µA
RUN High-Level Input Voltage
VIH
1.3
V
RUN High-Low Input Voltage
VIL
0.4
V
RUN Input Leakage Current
ILKG
RUN=GND or VIN
0.01
0.1
µA
N-Channel MOSFET
On-Resistance (Note2)
RDS(ON)
ISW = 100mA
450
500
mΩ
P-Channel MOSFET
On-Resistance (Note2)
RDS(ON)
ISW = 100mA
450
500
m
Ω
Oscillator Frequency
fS
1200
1500
1800
KHz
P-Channel Current Limit (Note2)
ILIM
VFB=0.5V
0.8
1
1.25
A
Reference Voltage
VREF
0.588
0.6
0.612
V
Line Regulation
△ VLINE
VIN =VO+0.5V to 5.5V; IO = 10mA
0.05
%/V
Load Regulation
△ VLOAD
IO = 10mA to 800mA
0.5
%
Note 2:Guarantee by design
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com