Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6367 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6367
Description  1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6367 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

  FP6367 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FP6367-1.3-MAR-2013
FP6367
fitipower integrated technology lnc.
Application Information
Inductor Selection
An 8.2
μH to 10μH is recommended for general used.
The value of inductor depends on the operating
frequency.
Higher
frequency
allows
smaller
inductor
and
capacitor
but
increases
internal
switching loss.
Two inductor parameters should be
considered, current rating and DCR.
The inductor
with the lowest DCR is chosen for the highest
efficiency.
The inductor value can be calculated as:
IL: inductor ripple current, which is defined as:
A
(General Setting)
The inductor should be rated for the maximum output
current (IO-MAX) plus the inductor ripple current ( L)
to avoid saturation.
The maximum inductor current
(IL-MAX) is given by:
A
A
Capacitor Selection
The small size of ceramic capacitors makes them
ideal for FP6367 applications.
X5R and X7R types
are
recommended
because
they
retain
their
capacitance over wider voltage and temperature
ranges than other types such as Y5V or Z5U.
A
μF input capacitor and a
μF output capacitor
are sufficient for most FP6367 applications.
When selecting an output capacitor, consider the
output ripple voltage and the ripple current.
The
ESR of capacitor is a major factor to the output
ripple.
For the best performance, a low ESR output
capacitor is required.
The ripple voltage is given
by:
S
Output Voltage Programming
The output voltage of FP6367 is set by the resistor
divider according to the following formula:
F
R1 is the upper resistor of the voltage divider.
For
transient response reason, a small feed-forward
capacitor (CF) is required in parallel to the upper
feedback resistor, and 68pF is recommended.
Checking Transient Response
The regulator loop response can be checked by
looking at the load transient response.
Switching
regulators take several cycles to respond to a step
in load current.
When a load step occurs, VOUT
immediately shi ts by an amount equal to (Δ
LOAD •
ESR), where ESR is the effective series resistance
of COUT.
Δ
LOAD also begins to charge or discharge
COUT, which generates a feedback error signal.
The regulator loop then acts to return VOUT to its
steady state value.
During this recovery time, VOUT
can be monitored for overshoot or ringing that would
indicate a stability problem.
The discharged bypass capacitors are effectively
put in parallel with COUT, causing a rapid drop in
VOUT.
No regulator can deliver enough current to
prevent this problem if the load switch resistance is
low and driven quickly.
The only solution is to limit
the rise time of the switch drive so that the load rise
time is limited to approximately ( 5 •
OAD).
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle current
limit for superior load, line response, protection of
the internal main switch and synchronous rectifier.
The FP6367 switches at a constant frequency
(1.5MHz) and regulates the output voltage.
During
each cycle the PWM comparator modulates the
power transferred to the load by changing the
inductor peak current based on the feedback error
voltage.
During normal operation, the main switch
is turned on for a certain time to ramp the inductor
current at each rising edge of the internal oscillator,
and switched off when the peak inductor current is
above the error voltage.
When the main switch is
off, the synchronous rectifier will be turned on
immediately and stay on until next cycle starts.
Dropout Operation
The FP6367 allows the main switch to remain on for
more than one switching cycle, and increases the
duty cycle while the input voltage is dropping close
to the output voltage.
When the duty cycle
reaches 100%, the main switch will be held on
continuously to deliver current to the output up to
the MOSFET current limit.
Then the output voltage
will be the input voltage minus the voltage drop
across the main switch and the inductor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com