Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6367 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6367
Description  1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6367 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6367 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6367 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FP6367-1.3-MAR-2013
FP6367
fitipower integrated technology lnc.
1.5MHz, 800mA, High-Efficiency PWM
Synchronous Step-Down Converter
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
5
4
RUN GND SW
VIN
FB
Figure 1. Pin Assignment of FP6367
Ordering Information
SOT-23-5 Marking
Part Number
Product Code
FP6367S5G
d2=
Description
The FP6367 is a high efficiency, low-noise, DC-DC
step-down pulse width modulated (PWM) converter
that goes automatically into PFM mode at light load
to improve efficiency.
It is ideally suited for systems
powered from a 1-cell Li-ion battery or from other
power sources such as hand-held devices.
The
100% duty cycle feature provides low dropout
operation, extending battery life in portable systems.
Switch frequency is internally set at 1.5MHz, allowing
use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency
and eliminates the need for an external Schottky
diode.
Shutdown mode places the device in
standby, reducing quiescent supply current to less
than 1µA.
The FP6367 is available in small SOT-23-5 package.
Features
Synchronous Rectification:
Approach 95% Efficiency
2.5V to 5.5V Input Voltage Range
The PFM Mode Operation for Improving
Efficiency at Light Load
Real Shutdown Isolated Load from Battery
Internal Compensation without External
Capacitors and Resistors
No Schottky Diode Required
Low Dropout Operation: 100% Duty Cycle
Fixed Frequency Operation at 1.5MHz
Low Quiescent Current at 35µA
Low Shutdown Current at 1µA
RoHS Compliant
Applications
Cellular Phone
Handheld Instrument
Wireless LAN
MP3 Portable Audio Player
Battery Operated Device
G: Green
TR: Tape/Reel
FP6367
□□□
Package Type
S5: SOT-23-5


Similar Part No. - FP6367

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-10WDG FITIPOWER-FP6360-10WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-12WDG FITIPOWER-FP6360-12WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-15WDG FITIPOWER-FP6360-15WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-16WDG FITIPOWER-FP6360-16WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
More results

Similar Description - FP6367

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Eutech Microelectronics...
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6366 FITIPOWER-FP6366 Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com