Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6711 Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FP6711
Description  High-Efficiency, 1-Cell and 2-Cell Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6711 Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP6711 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FP6711-1.4-DEC-2011
FP6711
85T
fitipower integrated technology lnc.
Typical Application Circuit
COUT
22µF
ADEN
LBI
VIN
FP6711
EN
COMP
FB
LBO
VOUT
GND
SW
10µF
R1
R2
L1
10µH
OFF
ON
R5
Low Battery
Warning
CIN
RC
CC
680K
100P
R3
R4
VIN
VOUT
Figure 2. Typical Application Circuit of FP6711
Functional Pin Description
Pin Name
Pin Function
EN
Chip-enable input.
Pull the pin high to enable IC.
Pull the pin low to shutdown IC.
COMP
The gm error amplifier output.
A frequency compensation network is connected from this pin to ground to
compensate the loop.
FB
The feedback input for adjusting output voltage.
This pin connects resistor divider that output voltage could be
adjusted from 1.8V to 4V.
The feedback voltage is typical at 0.5V.
GND
Ground pin
VOUT
Output voltage pin
VIN
Input voltage pin
SW
Switch input pin which is connected to inductor
ADEN
Auto-discharge enable input pin.
The auto-discharge function will be enabled when this pin is connected to logic
high.
It will be disabled when this pin is connected to logic low.
LBI
Low battery detector input.
A low battery warning signal is generated at LBO when the voltage on LBI drops
below the threshold voltage of 500mV.
Connect LBI to GND or VIN when low battery detector function is not
used.
Don’t leave this pin floating.
LBO
Open drain low battery detector output.
This Pin will be pulled low when the voltage on LBI drops below the
threshold voltage of 500mV.
An external pull-up resistor has to be connected between LBO and VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com