Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6711 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6711
Description  High-Efficiency, 1-Cell and 2-Cell Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6711 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6711 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FP6711-1.4-DEC-2011
FP6711
85T
fitipower integrated technology lnc.
Block Diagram
VOUT
FB
PWM
Control
Logic
OSC
PFM
Control
Isense/current limit
Ramp generator
COMP
Body-Diode
Switch
Bandgap
Reference
Error Amp
Anti-Reverse
Comparator
ADEN
I2
NMOS
GND
VREF
ANTIRING
PMOS
On/Off
Control
EN
LBI
LBO
VIN
SW
COMP
UVLO
VIN
Figure 3. Block Diagram of FP6711
Absolute Maximum Ratings
● Supply Input Voltage (VIN ,VOUT, EN, LBI, COMP, FB, ADEN, LBO) ------------------------------ -0.3V to +4V
● SW Voltage (SW) ------------------------------------------------------------------------------------------------ -0.3V to +7V
● Power Dissipation @T
A=25C, MSOP-10 (PD) ----------------------------------------------------------- +630mW
● Package Thermal Resistance, MSOP-10 (θ
JA) ----------------------------------------------------------- +160C/W
● Maximum Junction Temperature (T
J) ----------------------------------------------------------------------- +150C
● Storage Temperature Range (T
S) ---------------------------------------------------------------------------- -65C to +150C
● Lead Temperature (Soldering, 10 sec.) (T
LEAD) ----------------------------------------------------------- +260C
Note 1:Stresses beyond
those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Input Voltage (V
IN) ----------------------------------------------------------------------------------------------- +0.85V to VOUT
● Operating Temperature Range (T
OPR) ---------------------------------------------------------------------- -40C to +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com