Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6711 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6711
Description  High-Efficiency, 1-Cell and 2-Cell Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6711 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6711 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FP6711-1.4-DEC-2011
FP6711
85T
fitipower integrated technology lnc.
High-Efficiency, 1-Cell and
2-Cell Boost Converter
Pin Assignments
MS Package (MSOP-10)
4
8
7
9
10
2
3
1
5
6
SW
EN
GND
FB
COMP
VOUT
LBO
ADEN
VIN
LBI
Figure 1. Pin Assignment of FP6711
Ordering Information
Description
The FP6711 is a high efficiency, fixed frequency
500KHz, current mode PWM boost DC/DC converter
which could operate from single/dual-cell NiCd,
NiMH or alkaline battery such as input voltage below
1V.
The converter output voltage can be adjusted
from 1.8V to maximum 4V by an external resistor
divider.
Besides the converter includes a 0.35
Ω
N-channel MOSFET switch and 0.45
Ω P-channel
synchronous rectifier.
So no external Schottky
diode is required, and it could get better efficiency
near 94%.
The converter is based on a fixed frequency, current
mode, pulse-width-modulation PWM controller that
goes automatically into PFM mode at light load
which quiescent current is only 25
μA in this mode
operation.
The converter features a special function that the
load is completely isolated from the battery during
shutdown.
Besides it also has auto-discharge
function which could discharge the output capacitor
immediately during shutdown.
When converter operates into discontinuous mode,
the
internal
anti-ringing
switch
will
reduce
interference and radiated electromagnetic energy.
The FP6711 is available in a space-saving 10-lead
MSOP package for portable application.
Features
● Synchronous Rectification: 94% Efficiency
● Very Low Start-up Voltage at 0.85V
● Automatically Switch to PFM Mode for Improving
Efficiency at Light Load
● Built-in True Shutdown: Isolation of Load from
Battery during Shutdown
● Internal Anti-Ringing Switch across Inductor
● Low Battery Warning Display
● Fixed Frequency Operation at 500kHz
● Very Low Shutdown Current at 1μA
● Small 10-Pin MSOP Package
● RoHS Compliant
Applications
● Handheld Instrument
● Cordless Phone
● Wireless Handset
● GPS Receiver
● MP3
P: Green
G: Green
TR: Tape/Reel
FP6711
□□□
Package Type
MS: MSOP-10


Similar Part No. - FP6711

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6712 APITECH-FP6712 Datasheet
103Kb / 1P
RF AMPLIFIER MODEL
FP6719 APITECH-FP6719 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP6711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Texas Instruments
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
logo
Linear Technology
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Texas Instruments
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com