Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6745 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6745
Description  High-Efficiency, 40V White LED Driver with Dimming Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6745 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6745 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FP6745-1.4-AUG-2013
FP6745
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=VEN=5V, TA=+25ºC, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.5
5.5
V
Operation Current
ISD
VEN=0V
4
8
μA
IQ
VFB=0.2V
430
550
μA
Switching Frequency
fSW
1.0
1.3
1.5
MHz
Maximum Duty Cycle
Duty
VFB=0V
92
%
Under Voltage Lockout
VIN Under Voltage Lockout
UVLO
VIN Rising
2.25
2.45
V
Under Voltage Lockout Hysteresis
92
mV
Open Lamp Shutdown Threshold
VOV
VSW Rising
41
42
V
Enable
EN OFF Threshold
VEN Falling
0.4
V
EN ON Threshold
VEN Rising
0.6
V
Minimum EN Dimming Threshold
VFB=0V
0.7
V
Maximum EN Dimming Threshold
VFB=195mV
1.4
V
Dimming On Time
TON
VIN=5V
1.5
μs
Feedback
FB Voltage
VFB
VEN=1.5V
185
195
205
mV
FB Input Bias Current
IFB
VFB=0.1V
-300
nA
Output Switch
SW ON-Resistance (Note 2)
RON
0.5
Ω
SW Current Limit (Note 2)
ILM
1.33
A
Thermal Shutdown (Note 2)
TSD
150
°C
Note 2:The specification is guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com