Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6745 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6745
Description  High-Efficiency, 40V White LED Driver with Dimming Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6745 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FP6745 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FP6745-1.4-AUG-2013
FP6745
85T
fitipower integrated technology lnc.
Applications Information (Continued)
will be 25
μs. The PWM signal’s duty cycle (D) must
be greater than 6% to set TON greater than 1.5μs.
T
Period
PWM Signal
TON
Period
Layout Consideration
The proper PCB layout and component placement
are critical for all switching regulators.
The careful
attention should be taken to the high-frequency and
high
current
loops
to
prevent
electromagnetic
interference (EMI) problems.
Here are some
suggestions to the layout of FP6745 design.
a. The input capacitor should be located as close to
the VIN and GND pin as possible.
b. Minimize the distance of all traces connected to
the SW node.
The external components, COUT,
L1 and D1 should be placed as close to the
device as possible with short and wide route to
obtain optimum efficiency.
c. Keep the noise-sensitive feedback circuitry away
from
the switching node.
Place feedback
resistor as close to FB pin as possible.
d. The ground terminal of COUT must be located as
closed to GND pin as possible.
Place COUT next
to Schottky diode.
In Backlight application, the system
engineers
usually place the COUT close to the LED connector.
The far COUT of the FP6745 may result in variable
VFB.
It
’s recommended to add one more C
OUT
close to FP6745.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com