Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6745 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6745
Description  High-Efficiency, 40V White LED Driver with Dimming Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6745 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FP6745 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FP6745-1.4-AUG-2013
FP6745
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
0
20
40
60
80
100
0
5
10
15
20
25
V
IN
=5V, 10S1P WLEDs
20KHz
50KHz
100KHz
1KHz
100Hz
PWM Duty Cycle (%)
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
V
IN
=3V, 10S1P WLEDs
EN Pin Voltage (V)
Figure10. LED Current vs. Duty Cycle
Figure11. Feedback Voltage vs. EN Voltage
-40
-20
0
20
40
60
80
1100
1200
1300
1400
1500
1600
V
IN
=5V, 3S1P WLEDs
Temperature
(
oC)
-40
-20
0
20
40
60
80
150
160
170
180
190
200
210
220
V
IN
=5V, 3S1P WLEDs
Temperature
(
oC)
Figure12. Operating frequency vs. Temperature.
Figure13. Feedback Voltage vs. Temperature.
3.0
3.5
4.0
4.5
5.0
5.5
6.0
65
70
75
80
85
90
95
I
LED
=19.5mA/string
3S9P
C
IN
=1uF, C
OUT
=1uF
L=10uH (SLF7045T100M1R3, DCR=36mohm)
10S1P
8S1P
6S1P
Input Voltage (V)
Figure14. Efficiency vs. Input Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com