| Electronic Components Datasheet Search |
|
TDA9112A Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112A Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 60 page ![]() TDA9112A 29/60 DESCRIPTION OF I²C-BUS SWITCHES AND FLAGS Write-to bits Sad00h/D7 - HDutySyncV Synchronization of internal application of Hori- zontal Duty cycle data, buffered in I²C-bus latch, with internal discharge of Vertical oscillator. 0: Asynchronous mode, new data applied with ACK bit of I²C-bus transfer on this sub address 1: Synchronous mode Sad02h/D7 - HMoiréMode Horizontal Moiré characteristics. 0: Adapted to an architecture with EHT gener- ated in deflection section 1: Adapted to an architecture with separated deflection and EHT sections Sad03h/D7 - B+SyncV Same as HDutySyncV, applicable for B+ refer- ence data Sad04h/D7 - HDyCorTr Tracking of Horizontal Dynamic Correction waveform amplitude with HSIZE adjustment. 0: Not active 1: Active Sad05h/D7 - HDyCorPh Phase of start of Horizontal Dynamic Correc- tion waveform in relation to horizontal fly- back pulse. 0: Start of the flyback 1: Middle of the flyback Sad06h/D7 - BOutPol Polarity of B+ drive signal on BOut pin. 0: adapted to N type of power MOS - high level to make it conductive 1: adapted to P type of power MOS - low level to make it conductive Sad07h/D7 - BOutPh Phase of start of B+ drive signal on BOut pin 0: End of horizontal flyback or horizontal fre- quency divided by 2, see BOHEdge bit. 1: With one of edges of line drive signal on HOut pin, selected by BOHEdge bit Sad08h/D7 - EWTrHFr Tracking of all corrections contained in wave- form on pin EWOut with Horizontal Frequency 0: Not active 1: Active Sad15h/D7 - VDyCorPol Polarity of Vertical Dynamic Correction wave- form (parabola) 0: Concave (minimum in the middle of the pa- rabola) 1: Convex (maximum in the middle of the pa- rabola) Sad16h/D0 - HLockEn Enable of output of Horizontal PLL1 Lock/unlock status signal on pin HLckVBk 0: Disabled, vertical blanking only on the pin HLckVBk 1: Enabled Sad16h/D1 - PLL1InhEn Enable of Inhibition of horizontal PLL1 during extracted vertical synchronization pulse 0: Disabled, PLL1 is never inhibited 1: Enabled Sad16h/D2 and D3- PLL1Pump Horizontal PLL1 charge Pump current Sad16h/D4 - SDetReset Reset to 0 of Synchronization Detection flags VDet, HVDet and VExtrDet of status register ef- fected with ACK bit of I²C-bus data transfer into register containing the SDetReset bit. Also see description of the flags. 0: No effect 1: Reset with automatic return of the bit to 0 D3 D2 Time Constant 0 0 Slowest PLL1, lowest current 1 0 Moderate Slow PLL1, low current 0 1 Moderate Fast PLL1, high current 1 1 Fastest PLL1, highest current |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |