| Electronic Components Datasheet Search |
|
TDA9112A Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112A Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 60 page ![]() TDA9112A 31/60 Sad1Fh/D3 - Ident Device Identification bit. If HBOutEn is at 1, the bit has no effect. If HBOutEn is at 0, then 0: The value of Hlock status bit is 1 1: The value of Hlock status bit is 0 Sad1Fh/D4 - EWTrHSize Tracking of all corrections contained in wave- form on pin EWOut with Horizontal Size I²C-bus register HSIZE. 0: Active 1: Not active Sad1Fh/D5 - BSafeEn B+ Output Safety Enable. 0: Disabled 1: Enabled, BOut goes off as soon as HLock status of Horizontal PLL1 indicates “unlock” state. Retrieval of “lock” state will initiate soft start mechanism of DC/DC controller on BOut output. Sad1Fh/D6 - BMute B+ Output Mute. 0: Disabled 1: Enabled, BOut goes unconditionally off. Programming this bit back to 0 will initiate soft start mechanism of DC/DC controller on BOut output. Sad1Fh/D7 - ThrBlsense Threshold on BISense input corresponding to current limitation. 0: High 1: Low Read-out flags SadXX/D0 - VDet(68) Flag indicating Detection of V synchronization pulses on VSyn pin. 0: Not detected 1: Detected SadXX/D1 - HVDet (68) Flag indicating Detection of H or HV synchroni- zation pulses applied on H/HVSyn pin. Once the sync pulses are detected, the flag is set and latched. Disappearance of the sync signal will not lead to reset of the flag. 0: Not detected 1: Detected. SadXX/D2 - VExtrDet (68) Flag indicating Detection of Extracted Vertical synchronization signal from composite H+V sig- nal applied on H/HVSyn pin. 0: Not detected 1: Detected SadXX/D3 - VPol Flag indicating Polarity of V synchronization pulses applied on VSyn pin with respect to mean level of the sync signal. 0: Positive 1: Negative SadXX/D4 - HVPol Flag indicating Polarity of H or HV synchroniza- tion pulses applied on H/HVSyn pin with respect to mean level of the sync signal. 0: Positive 1: Negative SadXX/D5 - XRayAlarm Alarm indicating that an event of excessive volt- age has passed on XRay pin. Can only be reset to 0 through I²C-bus bit XRayReset or by power- on reset. 0: No excess since last reset of the bit 1: At least one event of excess appeared since the last reset of the bit, HOut inhibited SadXX/D6 - VLock Status of “Locking” or stabilizing of Vertical oscil- lator amplitude to an internal reference by AGC regulation loop. 0: Locked (amplitude stabilized) 1: Not locked (amplitude non-stabilized) SadXX/D7 - HLock Lock status of Horizontal PLL1. 0: Locked 1: Not locked See also bit Ident (Sad1Fh/D3) Note 68: This flag, by its value of 1, indicates an event of detection of at least one synchronization pulse since its last reset (by means of the SDetReset I²C-bus bit). This is to be taken into account by application S/W in a way that enough time (at least the period between 2 synchronization pulses of analyzed signal) must be provided |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |