Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPC3XXXAX Datasheet(PDF) 28 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 28 Page - Generalplus Technology Inc.

Back Button GPC3XXXAX Datasheet HTML 24Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 25Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 26Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 27Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 28Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 29Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 30Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 31Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 32Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
28
Aug. 28, 2017
Version: 2.3
9.3. Application Circuit with Low Loading for GPC3341A
GPC3341A
IOA[7:0]
IOA[7:0]
IOB[7:0]
IOB[7:0]
IOC[7:0]
IOC[7:0]
RESB
VSS
0.1u - 4.7uF
C1*
VSS
Battery
VDDIO
PVDD
VDD_REGIN
VSSIO
PVSS
AUDP
AUDN
PVDD
VDDIO
VDD_REGIN
PVSS
VSSIO
CVSS
VSSIO
VSS
VDDIO
VDD_REGIN
PVDD
PVSS
VDD_REGOUT
2.2u
VSS
C5
PCB Layout Guidelines:
1. VDD_REGIN, VDDIO and PVDD should be connected to power input port directly rather than the branch of each other.
2. VDD_REGIN should be equal to VDDIO.
3. PVDD should be greater than or equal to VDD_REGIN and VDDIO.
4. CVSS, VSSIO and PVSS should be connected to ground input directly rather than the branch of each other.
5. When using two batteries, C1 should be 0.1uF~4.7uF and should be increased for a high-volume application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com