Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPC3XXXAX Datasheet(PDF) 32 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 32 Page - Generalplus Technology Inc.

Back Button GPC3XXXAX Datasheet HTML 28Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 29Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 30Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 31Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 32Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 33Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 34Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 35Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 36Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
32
Aug. 28, 2017
Version: 2.3
9.7. Application Circuits with Low Loading When Using Feedback RC Mode Enable for GPC3010A/011C/010C
IOA[7:3],[0]
IOA[7:3],[0]
IOB[7:0]
IOB[7:0]
RESB
VSS
0.1u - 4.7uF
C1*
Battery
VDD_REGIN
PVDD
VSS
PVSS
AUDP
AUDN
PVDD
VDD_REGOUT
PVSS
PVDD
PVSS
2.2uF
VSS
C2
IOA2
CFB
RFB
VSS
IOA1
51K
VDD_REGIN
R1
GPC3010A/011C/
010C
VDD_REGIN
VSS
VSS
VDD_REGIN
VPP(by body)
OSC(by body & option)
VREF(by body)
PCB Layout Guidelines:
1. VDD_REGIN and PVDD must be connected to power input port directly rather than the branch of each other.
2. PVDD can be greater than or equal to VDD_REGIN.
3. VSS and PVSS must be connected to ground input directly rather than the branch of each other.
4. C1 is suggested 0.1uF~4.7uF, and should be increased for a high-volume application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com