Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5335 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5335
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5335 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5335 Datasheet HTML 6Page - Cirrus Logic CS5335 Datasheet HTML 7Page - Cirrus Logic CS5335 Datasheet HTML 8Page - Cirrus Logic CS5335 Datasheet HTML 9Page - Cirrus Logic CS5335 Datasheet HTML 10Page - Cirrus Logic CS5335 Datasheet HTML 11Page - Cirrus Logic CS5335 Datasheet HTML 12Page - Cirrus Logic CS5335 Datasheet HTML 13Page - Cirrus Logic CS5335 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
High Pass Filter
The operational amplifiers in the input circuitry
driving the CS5334/5 may generate a small DC
offset into the A/D converter. The CS5334 and
CS5335 include a high pass filter after the deci-
mator to remove any DC offset which could
result in recording a DC level, possibly yielding
"clicks" when switching between devices in a
multichannel system. The high pass filter can be
disabled with the HP DEFEAT pin. The high
pass filter works by continuously subtracting a
measure of the dc offset from the output of the
decimation filter.
If the HP DEFEAT pin is
taken high during normal operation, the current
value of the dc offset register is frozen and this
dc offset will continue to be subtracted from the
conversion result. This feature makes it possible
to perform a system calibration by;
1. removing the signal source (or grounding the
input signal) at the input to the subsystem con-
taining the CS5334/5,
2. running the CS5334/5 with the HP DEFEAT
pin low (high pass filter enabled) until the filter
settles (approximately 1 second), and
3. taking the HP DEFEAT pin high, disabling
the high pass filter and freezing the stored dc
offset.
A system calibration performed in this way will
eliminate offsets anywhere in the signal path be-
tween the calibration point and the CS5334/5.
The characteristics of the first-order high pass
filter are outlined below for an output sample
rate of 48 kHz. This filter response scales line-
arly with sample rate.
Frequency response: -3 dB @ 0.9 Hz
-0.01 dB @ 20 Hz
Phase deviation:
2.6 degrees @ 20 Hz
Passband ripple:
None
INPUT LEVEL MONITORING
The CS5334 and CS5335 include independent
Peak Input Level Monitoring for each channel.
The analog-to-digital converter continually moni-
tors the peak digital signal for both channels,
prior to the digital limiter, and records these val-
ues in the Active registers. This information can
be transferred to the Output registers by a high
to low transition on the Peak Update pin (PU)
which will also reset the Active register. The Ac-
tive register contains the peak signal level since
the previous peak update request.
The 8-bit contents of the output registers are
available in all interface modes and are present
in the data block as shown in Figure 2. The
monitoring function can be formatted to indicate
either High Resolution Mode or Bar Graph
Mode. The monitoring function is determined on
power-up by the presence of a 47 kohm pull-
down resistor on FRAME.
The addition of a
47 kohm pull-down resistor on the FRAME pin
sets the monitoring function to the Bar Graph
mode.
High Resolution Mode
Bits P7-P0 indicate the peak input level since the
previous peak update (or low transition on the
Peak Update pin). If the full scale input level is
exceeded (Bit P7 high), bits P5-P0 represent the
peak value up to 3 dB above full-scale in 1 dB
steps. If the ADC input level is less than full-
scale, bits P5-P0 represent the peak value from
-60 dB to 0 dB of full scale in 1 dB steps. The
PSL outputs are accurate to within 0.25 dB. Bit
P6 provides a coarse means of determining an
ADC input idle condition. Bit P7 indicates an
ADC overflow condition, if the ADC input level
is greater than full-scale.
CS5334 CS5335
10
DS237PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com