Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5335 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5335
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5335 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5335 Datasheet HTML 1Page - Cirrus Logic CS5335 Datasheet HTML 2Page - Cirrus Logic CS5335 Datasheet HTML 3Page - Cirrus Logic CS5335 Datasheet HTML 4Page - Cirrus Logic CS5335 Datasheet HTML 5Page - Cirrus Logic CS5335 Datasheet HTML 6Page - Cirrus Logic CS5335 Datasheet HTML 7Page - Cirrus Logic CS5335 Datasheet HTML 8Page - Cirrus Logic CS5335 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Specifications are subject to change without notice
ANALOG CHARACTERISTICS (TA = 25°C; VA+ = VD+ = 5V; -1 dBFS Input Sinewave, 997 Hz;
Fs = 48 kHz; MCLK = 12.288 MHz; SCLK = 3.072 MHz; Measurement Bandwidth is 10 Hz to 20 kHz unless
otherwise specified; Logic 0 = 0V, Logic 1 = VD+)
CS5334
CS5335
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Resolution
20
-
-
20
-
-
Bits
Dynamic Performance
Dynamic Range
A-weighted
TBD
TBD
100
97
-
-
TBD
TBD
105
102
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-90
-77
-37
TBD
TBD
TBD
-
-
-
-95
-82
-42
TBD
TBD
TBD
dB
dB
dB
Interchannel Phase Deviation
-
0.01
-
-
0.01
-
Degree
Interchannel Isolation
(dc to 20 kHz)
-
100
-
-
105
-
dB
dc Accuracy
Interchannel Gain Mismatch
-
0.05
-
-
0.05
-
dB
Gain Error
-
-
±5
--
±5
%
Gain Drift
-
200
-
-
200
-
ppm/°C
Offset Error
with HPF
HP defeat with CAL
-
-
0
+/-
100
-
-
-
-
0
+/-
100
-
-
LSB
LSB
Analog Input
Input Voltage Range
(Differential)
VIN
1.9
2.0
2.1
1.9
2.0
2.1
Vrms
Input Impedance
ZIN
-
30
-
-
30
-
k
Ω
Input Bias Voltage
-
2.2
-
-
2.2
-
V
Power Supplies
Power Supply Current
IA
ID
Power Down (IA+ID)
-
-
-
38
25
0.2
TBD
TBD
-
-
-
-
40
25
0.2
TBD
TBD
-
mA
mA
mA
Power Dissipation
Normal
Power Down
-
-
315
1.0
TBD
-
-
-
325
1.0
TBD
-
mW
mW
Power Supply Rejection Ratio
-
50
-
-
55
-
dB
CS5334 CS5335
2
DS237PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com