Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5335 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5335
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5335 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5335 Datasheet HTML 12Page - Cirrus Logic CS5335 Datasheet HTML 13Page - Cirrus Logic CS5335 Datasheet HTML 14Page - Cirrus Logic CS5335 Datasheet HTML 15Page - Cirrus Logic CS5335 Datasheet HTML 16Page - Cirrus Logic CS5335 Datasheet HTML 17Page - Cirrus Logic CS5335 Datasheet HTML 18Page - Cirrus Logic CS5335 Datasheet HTML 19Page - Cirrus Logic CS5335 Datasheet HTML 20Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
OVFL - Overflow, Pin 2.
Overflow indicates analog input overrange, for both the Left and Right channels, since the last
update request on the PEAK UPDATE (PU) pin. A value of 1 in the register indicates an
overrange condition. The left channel information is output on OVFL during the left channel
portion of LRCK. The right channel information is available on OVFL during the right channel
portion of LRCK. The registers are updated with a high to low transition on the PEAK
UPDATE pin. A 47 kohm pull-down resistor on this pin will set the CS5334/5 in Master Mode.
FRAME - Frame Signal, Pin 10.
Frames the Peak Signal Level (PSL) Bits. FRAME goes high coincident with the leading edge
of the first PSL bit and falls coincident with the trailing edge of the last PSL bit as shown in
Figures 3-5. A 47 kohm pull-down resistor on this pin will set the Peak Signal Level
Monitoring format to "Bar Graph" mode.
PARAMETER DEFINITIONS
Dynamic Range
The ratio of the rms value of the signal to the rms sum of all other spectral components over
the specified bandwidth. Dynamic Range is a signal-to-noise ratio measurement over the
specified band width made with a -60dBFs signal. 60dB is added to resulting measurement to
refer the measurement to full-scale. This technique ensures that the distortion components are
below the noise level and do not effect the measurement. This measurement technique has been
accepted by the Audio Engineering Society, AES17-1991, and the Electronic Industries
Association of Japan, EIAJ CP-307. Expressed in decibels.
Total Harmonic Distortion + Noise (THD+N)
The ratio of the rms value of the signal to the rms sum of all other spectral components over
the specified band width (typically 10 Hz to 20 kHz), including distortion components.
Expressed in decibels. Measured at -1 and -20 dBFs as suggested in AES17-1991 Annex A.
Frequency Response
A measure of the amplitude response variation from 10 Hz to 20 kHz relative to the amplitude
response at 1 kHz. Units in decibels.
Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each channel at the
converter’s output with no signal at the input under test and a full-scale signal applied to the
other channel. Units in decibels.
Interchannel Gain Mismatch
The gain difference between left and right channels. Units in decibels.
Gain Error
The deviation from the nominal full-scale analog input for a full-scale digital output.
CS5334 CS5335
16
DS237PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com