Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM1482KSLAXCL Datasheet(PDF) 87 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 87 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 83Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 84Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 85Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 86Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 87Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 88Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 89Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 90Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 91Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 121 page
background image
Version 1.6
87
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Single Ended Output Slew Rate
With the reference load for timing measurements, output slew rate for falling and rising edges is defined and
measured between VOL(AC) and VOH(AC) for single ended signals as shown below.
Single-Ended Output Slew Rate Definition
Description
Defined by
Measured
From
To
Single-ended output slew rate for rising edge
[VOH(AC)
– VOL(AC)] / ΔTRSE
VOL(AC)
VOH(AC)
Single-ended output slew rate for falling edge
[VOH(AC)
– VOL(AC)] / ΔTFSE
VOH(AC)
VOL(AC)
Notes:
Output slew rate is verified by design and characterization, and may not be subject to production testing.
Single-Ended Output Slew Rate
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
SRQSE
Single-ended output slew rate (output impedance = 40Ω ± 30%)
1.5
3.5
V/ns
SRQSE
Single-ended output slew rate (output impedance = 60Ω ± 30%)
1.0
2.5
V/ns
Output slew-rate-matching ratio (pull-up to pull-down)
0.7
1.4
Definitions:
SR = slew rate, Q = query output (similar to DQ = data-in, query-output), se = single-ended signals
NOTE 1 Measured with output reference load.
NOTE 2 The ratio of pull-up to pull-down slew rate is specified for the same temperature and voltage, over the entire
temperature and voltage range. For a given output, it represents the maximum difference between pull-up and
pull-down drivers due to process variation.
NOTE 3 The output slew rate for falling and rising edges is defined and measured between VOL(AC) and VOH(AC).
NOTE 4 Slew rates are measured under normal SSO conditions, with 1/2 of DQ signals per data byte driving logic-high and 1/2 of
DQ signals per data byte driving logic-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com