Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM1482KSLAXCL Datasheet(PDF) 45 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 45 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 41Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 42Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 43Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 44Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 45Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 46Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 47Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 48Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 49Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 121 page
background image
Version 1.6
45
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
ID Read
The device contains ID codes which can be used to identify the device type, the manufacturer, and features of
the device. The ID codes can be read out under the following timing conditions:
ID Definition Table (X8)
Description
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
Hex Data
1st Data
Maker Code
1
0
0
1
1
0
0
0
98H
2nd Data
Device Code
1
0
1
0
1
1
0
0
ACH
3rd Data
Chip Number, Cell Type
1
0
0
1
0
0
0
0
90H
4th Data
Page Size, Block Size, I/O Width
0
0
1
0
0
1
1
0
26H
5th Data
Plane Number
0
1
1
1
0
1
1
0
76H
ID Definition Table (X16)
Description
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
Hex Data
1st Data
Maker Code
1
0
0
1
1
0
0
0
98H
2nd Data
Device Code
1
0
1
1
1
1
0
0
BCH
3rd Data
Chip Number, Cell Type
1
0
0
1
0
0
0
0
90H
4th Data
Page Size, Block Size, I/O Width
0
1
1
0
0
1
1
0
66H
5th Data
Plane Number
0
1
1
1
0
1
1
0
76H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com