Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6464 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC6464
Description  64x64 Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6464 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC6464 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6464
64x64 Crosspoint Switch
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
G52219-0, Rev. 2.0
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/4/98
Figure 3 VSC6464 Asynchronous Timing Diagram
Table 3: VSC6464 Asynchronous Timing Table
Note: 1.) Duty cycle distortion = (duty cycle in - duty cyle out)/duty cycle in * 100%, measured with a 2ns pulse width.
Figure 4 VSC6464 Synchronous Data Input Timing Diagram
Table 4: VSC6464 Synchronous Data Input Timing Table
Parameters
Description
Min
Typ
Max
Units
TPW
Minimum DIN<63:0> pulse width, 50% input
1.25
-
-
ns
TAMX
DIN<63:0> to DOUT<63:0> propagation delay
-
-
6.5
ns
TAMN
DIN<63:0> to DOUT<63:0> propagation delay
2.2
-
-
ns
TASKW
DOUT<63:0> asynchronous mode data skew (any input
to any output, add 0.1 for SSO)
-
-
1.4
ns
TASKW
DOUT<63:0> asynchronous mode data skew (broadcast,
add 0.1 for SSO)
-
-
0.75
ns
-
Duty Cycle Distortion, @500Mb/s(1)
-
-
25
%
Parameters
Description
Min
Typ
Max
Units
FMAX
Maximum CKI frequency, 50% input
-
-
250
MHz
TINSU
DIN<63:0> data setup time with respect to CKI
0.5
-
-
ns
TINH
DIN<63:0> data hold time with respect to CKI
0.4
-
-
ns
DOUT<63:0>
DIN<63:0>
TASKW
TAMX
TPW
TAMN
TINSU TINH
DIN<63:0>
CKI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com