Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6464 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC6464
Description  64x64 Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6464 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC6464 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6464
64x64 Crosspoint Switch
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
G52219-0, Rev. 2.0
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/4/98
Package Information
The VSC6464 is packaged in a 208 PQFP with an integral heat sink as shown in the figure below.
208 PQFP Package Drawing
PIN 1
PIN 208
52
53
105
104
156
157
HEATSINK INTRUSION
10
°
10
°
E1
E
D
D
A2
1
TOP VIEW
e
R
R1
A
A1
b
L
0.25
0.17 MAX
θ
0
° MIN
NOTE 1
NOTES:
(1) Exposed Heatspreader will be either
20.32
±.50 round or 12.0 ± .50 square
(2) Drawing not to scale.
Package #: 101-228-6, Issue #:1
Key
mm
Tolerances
A
4.07
MAX
A1
0.25
MIN
A2
3.49
±.10
D
30.60
±.4
D1
28.00
±.10
E
30.60
±.4
E1
28.00
±.10
L
0.60
+.15/-.10
e
0.50
BASIC
b
0.22
±.05
θ
0
° - 10°
R1
.15
TYP
R
.25
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com