Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6464 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC6464
Description  64x64 Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6464 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC6464 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6464
64x64 Crosspoint Switch
G52219-0, Rev. 2.0
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
8/4/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
Pin Descriptions
Table 9: Pin Identification
Signal
Pin
I/O
Description
VCC
2-5, 15, 18, 24, 28, 29, 35, 38, 48-
51, 61-63, 69, 72, 75, 79, 82, 85, 88,
94-96, 106-109, 119, 122, 128, 132,
133, 139, 142, 152-155, 165-167,
173, 176, 179, 183, 186, 189, 192,
198-200
0V Ground Connection.
VTT
8, 21, 27, 32, 45, 57, 78, 100, 112,
125, 131, 136, 149, 161, 182, 204
-2V Supply Connection.
DIN_0-DIN_63
156-160, 162-164, 201-203, 205-
207, 1, 12-14, 16-17, 19-20, 22-23,
25, 30-31, 33-34, 36-37, 39-40, 52-
56, 58-60, 97-99, 101-105, 118,
120-121, 123-124, 126-127, 129,
134-135, 137-138, 140-141, 143
I
The 64 ECL Signal Inputs.
DOUT_0-
DOUT_63
10-9, 7-6, 197-193, 191-190, 188-
187, 185-184, 181-180, 178-177,
175-174, 172-168, 151-150, 148-
145, 116-113, 111, 93-89, 87-86,
84-83, 81-80, 77-76, 74-73, 71-70,
68-64, 47-46, 44-42
O
The 64 ECL Signal Outputs.
SERS
117
I
ECL Serial Select Signal
SERC
11
I
ECL Serial Clock Signal.
SERD
41
I
ECL Serial Data Signal.
CKI
26
I
ECL Synchronous Mode Input Register Clock Signal.
CKO
130
I
ECL Synchronous Mode Output Register Clock
Signal.
MODE
144
I
ECL Synchronous Mode Enable Signal.
TESTO
110
O
do not use.
VSCTE
208
I
test input, connect to -2V for normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com