Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-EKB Datasheet(PDF) 153 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 153 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 149Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 150Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 151Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 152Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 153Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 154Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 155Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 156Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 157Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 160 page
background image
Version 2.2
153
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Required time tVAC above VIH(AC) {below VIL(AC)} for ADD/CMD transition
Slew
Rate
[V/ns]
DDR3
DDR3L
Unit
800/1066/1333/1600
1866/2133
1066/1333/1600
1866
175mV [ps]
150mV[ps]
135mV [ps]
125mV [ps]
160 mV [ps]
135 mV [ps]
135 mV [ps]
125 mV [ps]
> 2.0
75
175
168
173
200
213
200
205
ps
2.0
57
170
168
173
200
213
200
205
ps
1.5
50
167
145
152
173
190
178
184
ps
1.0
38
130
100
110
120
145
133
143
ps
0.9
34
113
85
96
102
130
118
129
ps
0.8
29
93
66
79
80
111
99
111
ps
0.7
22
66
42
56
51
87
75
89
ps
0.6
note
30
10
27
13
55
43
59
ps
0.5
note
note
note
note
Note
10
Note
18
ps
<0.5
note
note
note
note
Note
10
Note
18
ps
NOTE Rising input signal shall become equal to or greater than VIH(ac) level and falling input signal shall become equal to or less
than VIL(ac) level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com