Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-EKB Datasheet(PDF) 156 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 156 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 152Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 153Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 154Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 155Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 156Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 157Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 158Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 159Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 160Page - Nanya Technology Corporation.  
Zoom Inzoom in Zoom Outzoom out
 156 / 160 page
background image
Version 2.2
156
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Derating values DDR3- 800/1066 tDS/tDH - AC/DC based AC175 Threshold
DDR3 AC175 Threshold
DQS,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH
DQ
Slew rate
V/ns
2
88
50
88
50
88
50
-
-
-
-
-
-
-
-
-
1.5
59
34
59
34
59
34
67
42
-
-
-
-
-
-
-
-
1
0
0
0
0
0
0
8
8
16
16
-
-
-
-
-
-
0.9
-
-
-2
-4
-2
-4
6
4
14
12
22
20
-
-
-
-
0.8
-
-
-
-
-6
-10
2
-2
10
6
18
14
26
24
-
-
0.7
-
-
-
-
-
-
-3
-8
5
0
13
8
21
18
29
34
0.6
-
-
-
-
-
-
-
-
-1
-10
7
-2
15
8
23
24
0.5
-
-
-
-
-
-
-
-
-
-
-11
-16
-2
-6
5
10
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-30
-26
-22
-10
NOTE1: Cell contents shaded in gray
are defined as ‘not supported’.
Derating values DDR3- 800/1066/1333/1600 tDS/tDH - AC/DC based AC150 Threshold
DDR3 AC150 Threshold
DQS,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH
DQ
Slew rate
V/ns
2
75
50
75
50
75
50
-
-
-
-
-
-
-
-
-
1.5
50
34
50
34
50
34
58
42
-
-
-
-
-
-
-
-
1
0
0
0
0
0
0
8
8
16
16
-
-
-
-
-
-
0.9
-
-
0
-4
0
-4
8
4
16
12
24
20
-
-
-
-
0.8
-
-
-
-
0
-10
8
-2
16
6
24
14
32
24
-
-
0.7
-
-
-
-
-
-
8
-8
16
0
24
8
32
18
40
34
0.6
-
-
-
-
-
-
-
-
15
-10
23
-2
31
8
39
24
0.5
-
-
-
-
-
-
-
-
-
-
14
-16
22
-6
30
10
0.4
-
-
-
-
-
-
-
-
-
-
-
-
7
-26
15
-10
NOTE1: Cell contents shaded in gray
are defined as ‘not supported’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com