Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA262802FC-V2-R0 Datasheet(PDF) 9 Page - Cree, Inc

Part # GTRA262802FC-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA262802FC-V2-R0 Datasheet(HTML) 9 Page - Cree, Inc

  GTRA262802FC-V2-R0 Datasheet HTML 1Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 2Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 3Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 4Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 5Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 6Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 7Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 8Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.wolfspeed.com
Rev. 03, 2018-07-24
Notes
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet
to be accurate and reliable. However, no responsibility is assumed by Cree for any infringement of patents or other rights
of third parties which may result from its use. No license is granted by implication or otherwise under any patent or pat-
ent rights of Cree. Cree makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose. “Typical” parameters are the average values expected by Cree in large quantities and are provided for
information purposes only. These values can and do vary in different applications and actual performance can vary over
time. All operating parameters should be validated by customer’s technical experts for each application. Cree products
are not designed, intended or authorized for use as components in applications intended for surgical implant into the
body or to support or sustain life, in applications in which the failure of the Cree product could result in personal injury or
death or in applications for planning, construction, maintenance or direct operation of a nuclear facility.
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Wolfspeed™ and the Wolfspeed logo are trademarks of Cree, Inc.
For more information, please contact:
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.wolfspeed.com/RF
Sales Contact
RFSales@wolfspeed.com
RF Product Marketing Contact
RFMarketing@wolfspeed.com
919.407.7816
9
GTRA262802FC
Revision History
Revision
Date
Data Sheet Type
Page
Subjects (major changes since last revision)
01
2016-05-26
Advance
All
Data Sheet reflects advance specification for product development
02
2017-03-22
Production
All
Data Sheet reflects released product specification
02.1
2017-09-19
Production
2
Updated operating voltage
03
2018-07-24
Production
All
Revised to V2. Converted to Wolfspeed data sheet.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com