Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA262802FC-V2-R0 Datasheet(PDF) 4 Page - Cree, Inc

Part # GTRA262802FC-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA262802FC-V2-R0 Datasheet(HTML) 4 Page - Cree, Inc

  GTRA262802FC-V2-R0 Datasheet HTML 1Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 2Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 3Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 4Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 5Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 6Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 7Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 8Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-07-24
4
GTRA262802FC
Typical Performance (cont.)
-30
-25
-20
-15
-10
-5
-35
-30
-25
-20
-15
-10
2450 2500 2550 2600 2650 2700 2750
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 100 mA,
VGS(PEAK) = -5.0 V, POUT = 45.8 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
gtra262802fc_g4
15
25
35
45
55
65
75
8
10
12
14
16
18
20
33
37
41
45
49
53
57
Output Power (dBm)
Pulse CW Performance
VDD = 48 V, IDQ(MAIN) = 100 mA,
VGS(PEAK) = –5.0 V
2635MHz Gain
2575MHz Gain
2605MHz Gain
2575MHz Eff
2605MHz Eff
2635MHz Eff
gtra262802fc_g5.1
15
25
35
45
55
65
75
8
10
12
14
16
18
20
33
37
41
45
49
53
57
Output Power (dBm)
Pulse CW Performance at various VDD
IDQ(MAIN) = 100 mA, VGS(PEAK) = –5 V,
ƒ = 2635 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
gtra262802fc_g6.1
-12
-10
-8
-6
-4
-2
13
14
15
16
17
18
2400
2500
2600
2700
2800
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 100 mA,
VGSPEAK = –5.0 V
IRL
Gain
gtra262802fc_g7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com