Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA262802FC-V2-R0 Datasheet(PDF) 7 Page - Cree, Inc

Part # GTRA262802FC-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA262802FC-V2-R0 Datasheet(HTML) 7 Page - Cree, Inc

  GTRA262802FC-V2-R0 Datasheet HTML 1Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 2Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 3Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 4Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 5Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 6Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 7Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 8Page - Cree, Inc GTRA262802FC-V2-R0 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-07-24
7
GTRA262802FC
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
GTRA262802FC V2
Test Fixture Part No.
LTA/GTRA262802FC V2
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
εr = 3.66, ƒ = 2575 – 2635 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at http://www.wolfspeed.com/RF
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C104, C105,
C106
Capacitor, 10 pF
ATC
ATC600F100JT250XT
C102, C107
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C103
Capacitor, 0.5 pF
ATC
ATC600F0R5BT250XT
R101, R102
Resistor, 20 ohms
Panasonic Electronic Components
ERJ-8GEYJ200V
R103
Resistor, 50 ohms
Richardson
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C26P1-03S
Output
C201, C207, C209,
C211
Capacitor, 10 pF
ATC
ATC600F100JT250XT
C202, C203, C204,
C212, C213, C214
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C205, C215
Capacitor, 470 µF
Cornell Dubilier Electronics (CDE)
SEK471M050ST
C206
Capacitor, 0.8 pF
ATC
ATC600F0R8BT250XT
C208
Capacitor, 0.2 pF
ATC
ATC600F0R2BT250XT
C210
Capacitor, 0.5 pF
ATC
ATC600F0R5BT250XT
Pinout Diagram (top view)
Lead connections for GTRA262802FC V2
H-37248-4__do_pd_10-10-2012
S
D1
D2
G1
G2
Main
Peak
Peak
Main
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com