Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2989 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 2Page - Semtech Corporation GS2989 Datasheet HTML 3Page - Semtech Corporation GS2989 Datasheet HTML 4Page - Semtech Corporation GS2989 Datasheet HTML 5Page - Semtech Corporation GS2989 Datasheet HTML 6Page - Semtech Corporation GS2989 Datasheet HTML 7Page - Semtech Corporation GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation GS2989 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
6 of 20
Semtech
www.semtech.com
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
2.5kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
-40°C to +85°C
Solder Reflow Temperature
260°C
Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions or at any other condition beyond those indicated in the
AC/DC Electrical Characteristic sections is not implied.
Table 2-2: DC Electrical Characteristics
VCC = 3.3V ±5% or 2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.3V Typical
3.135
3.3
3.465
V
—
2.5V Typical
2.375
2.5
2.625
V
—
Power Consumption
(2.5V)
PD
SDO1/SDO1 enabled,
SDO2/SDO2 disabled
—
135
160
mW
1
SDO1/SDO1 and
SDO2/SDO2 enabled
—
205
242
mW
1
SDO1/SDO1 and
SDO2/SDO2 disabled
—3
5
mW
1
Power Consumption
(3.3V)
SDO1/SDO1 enabled,
SDO2/SDO2 disabled
—
185
222
mW
1
SDO1/SDO1 and
SDO2/SDO2 enabled
—
284
340
mW
1
SDO1/SDO1 and
SDO2/SDO2 disabled
—4
6
mW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com