Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2989 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation GS2989 Datasheet HTML 15Page - Semtech Corporation GS2989 Datasheet HTML 16Page - Semtech Corporation GS2989 Datasheet HTML 17Page - Semtech Corporation GS2989 Datasheet HTML 18Page - Semtech Corporation GS2989 Datasheet HTML 19Page - Semtech Corporation GS2989 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
18 of 20
Semtech
www.semtech.com
6.4 Solder Reflow Profiles
The device is manufactured with Matte-Sn terminations and is compatible with both
standard eutectic and Pb-free solder reflow profiles. MSL qualification was performed
using the maximum Pb-free reflow profile shown in Figure 6-3.
Figure 6-3: Maximum Pb-free Solder Reflow Profile (Preferred)
6.5 Marking Diagram
Figure 6-4: Marking Diagram
25°C
150°C
200°C
217°C
260°C
250°C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3°C/sec max
6°C/sec max
G S 29 78
XXXXE3
YYWW
XXXX -
Last 4 digits of Assembly Lot
YYWW - Date Code
YY -
2-digit year
WW -
2-digit week number
Pin 1 Indicator
GS2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com