Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2989 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation GS2989 Datasheet HTML 10Page - Semtech Corporation GS2989 Datasheet HTML 11Page - Semtech Corporation GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation GS2989 Datasheet HTML 15Page - Semtech Corporation GS2989 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
12 of 20
Semtech
www.semtech.com
The output signal presence function measures signal-edge energy to indicate that the
pre-driver to the serial data outputs is toggling.
4.6 Output Amplitude (RSET)
The output amplitude of the GS2989 can be adjusted by changing the value of the RSET
resistor as shown in Figure 4-1. For an 800mVpp output with a nominal ±7% tolerance, a
value of 750
Ω is required. A ±1% SMT resistor should be used.
The RSET resistor is part of an internal DC feedback loop in the GS2989. The resistor
should be placed as close as possible to the RSET pin, and connected directly to the VCC
plane (traces/wires may cause instability). In addition, the PCB capacitance should be
minimized at this node by removing the PCB groundplane beneath the RSET resistor
and the RSET pin.
Note: Care should be taken when considering layout of the RSET resistor. Please refer to
Section 5.1 for more details.
Table 4-4: Output Signal Presence Indicator
Pre-Driver Output
OSP Pin
Valid signal present
0
No valid signal present
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com