Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP250B Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP250B
Description  200V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP250B Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP250B Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRFP250B
200V N-Channel MOSFET
www.artschip.com
1
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar,
DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide in the avalanche and
commutation mode. These devices are well suited for high
efficiency switching DC/DC converters, switch mode power
supplies, DC-AC converters for uninterrupted power supply
and motor control.
Features
32A, 200V, RDS(on)=0.085Ω@VGS=10V
Low gate charge (typical 95nC)
Low Crss (typical 75pF)
Fast switching
100% avalanche tested
Improved dv/dt capability
Absolute Maximum Ratings
Tc=25℃ unless otherwise noted
Symbol
Parameter
IRF250B
Units
VDSS
Drain-Source Voltage
200
V
32
A
ID
Drain Current – Continuous (Tc=25℃)
- Continuous (Tc=100℃)
20.3
A
IDM
Drain Current –Pulse
(Note 1)
128
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy (Note 2)
600
mJ
IAR
Avalanche Current (Note 1)
32
A
EAR
Repetitive Avalanche Energy (Note 1)
20.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
204
W
PD
Power Dissipation (Tc=25℃)
- Derate above 25℃
1.63
W/℃
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Thermal Characteristics
Symbol
Parameter
Typ
Max
Units
R ӨJC
Thermal Resistance, Junction-to-Case
-
0.61
℃
/W
R ӨCS
Thermal Resistance, Case-to-Sink
0.24
-
℃
/W
R ӨJA
Thermal Resistance, Junction-to-Ambient
-
40
℃
/W


Similar Part No. - IRFP250B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFP250B FAIRCHILD-IRFP250B Datasheet
669Kb / 8P
200V N-Channel MOSFET
logo
Thinki Semiconductor Co...
IRFP250B THINKISEMI-IRFP250B Datasheet
2Mb / 7P
ThinkiSemi 200V,32A N-Channel Planar Process Power MOSFETs
More results

Similar Description - IRFP250B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
200V N-Channel MOSFET
FQB10N20 FAIRCHILD-FQB10N20 Datasheet
794Kb / 9P
200V N-Channel MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
615Kb / 9P
200V N-Channel MOSFET
FQP19N20 FAIRCHILD-FQP19N20 Datasheet
705Kb / 8P
200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
200V N-Channel MOSFET
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
200V N-Channel MOSFET
IRFM220B FAIRCHILD-IRFM220B Datasheet
727Kb / 8P
200V N-Channel MOSFET
IRFP250B FAIRCHILD-IRFP250B Datasheet
669Kb / 8P
200V N-Channel MOSFET
IRFS650B FAIRCHILD-IRFS650B Datasheet
651Kb / 8P
200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com