Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC284P Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 2Page - Semtech Corporation SC284P Datasheet HTML 3Page - Semtech Corporation SC284P Datasheet HTML 4Page - Semtech Corporation SC284P Datasheet HTML 5Page - Semtech Corporation SC284P Datasheet HTML 6Page - Semtech Corporation SC284P Datasheet HTML 7Page - Semtech Corporation SC284P Datasheet HTML 8Page - Semtech Corporation SC284P Datasheet HTML 9Page - Semtech Corporation SC284P Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
SC284P
Typical Characteristics
Load Regulation, Vout=1.0V
Load Regulation, Vout=1.2V
Load Regulation, Vout=1.5V
Circuit Conditions: C
IN= 0uF/6.3V; COUT= 22uF/6.3V, Unless otherwise noted, L= 2.2uH (TOKO: 27AS-2R2M).
Load Regulation, Vout=1.8V
0.90
0.95
1.00
1.05
1.10
0.0
0.5
1.0
1.5
2.0
Load Current (A)
1250C
250C
-400C
1250C
250C
-400C
1.12
1.15
1.17
1.20
1.22
1.25
1.27
0.0
0.5
1.0
1.5
2.0
Load Current (A)
1.40
1.45
1.50
1.55
1.60
0.0
0.5
1.0
1.5
2.0
Load Current (A)
1250C
250C
-400C
1.70
1.75
1.80
1.85
1.90
0.0
0.5
1.0
1.5
2.0
Load Current (A)
1250C
250C
-400C
Load Regulation, Vout=2.5V
Load Regulation, Vout=3.3V
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0.0
0.5
1.0
1.5
2.0
Load Current (A)
1250C
250C
-400C
3.15
3.20
3.25
3.30
3.35
3.40
3.45
0.0
0.5
1.0
1.5
2.0
Load Current (A)
1250C
250C
-400C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com