Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC284P Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 5Page - Semtech Corporation SC284P Datasheet HTML 6Page - Semtech Corporation SC284P Datasheet HTML 7Page - Semtech Corporation SC284P Datasheet HTML 8Page - Semtech Corporation SC284P Datasheet HTML 9Page - Semtech Corporation SC284P Datasheet HTML 10Page - Semtech Corporation SC284P Datasheet HTML 11Page - Semtech Corporation SC284P Datasheet HTML 12Page - Semtech Corporation SC284P Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
SC284P
Typical Characteristics
Switching Frequency Vs Temperature, Vout=1.0V
Switching Frequency Vs Temperature, Vout=1.2V
Switching Frequency Vs Temperature, Vout=1.5V
Circuit Conditions: C
IN= 0uF/6.3V; COUT= 22uF/6.3V, Unless otherwise noted, L= 2.2uH (TOKO: 27AS-2R2M).
Switching Frequency Vs Temperature, Vout=1.8V
2.535
2.54
2.545
2.55
2.555
2.56
2.565
2.57
2.575
-40
-15
10
35
60
85
110
135
Ambient Temperature (0C)
2.535
2.54
2.545
2.55
2.555
2.56
2.565
2.57
2.575
-40
-15
10
35
60
85
110
135
Ambient Temperature (0C)
2.535
2.54
2.545
2.55
2.555
2.56
2.565
2.57
2.575
-40
-15
10
35
60
85
110
135
Ambient Temperature (0C)
2.535
2.54
2.545
2.55
2.555
2.56
2.565
2.57
2.575
-40
-15
10
35
60
85
110
135
Ambient Temperature (0C)
Switching Frequency Vs Temperature, Vout=2.5V
Switching Frequency vs Temperature, Vout=3.3V
2.535
2.54
2.545
2.55
2.555
2.56
2.565
2.57
2.575
-40
-15
10
35
60
85
110
135
Ambient Temperature (0C)
2.535
2.54
2.545
2.55
2.555
2.56
2.565
2.57
2.575
-40
-15
10
35
60
85
110
135
Ambient Temperature (0C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com