Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC284P Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 14Page - Semtech Corporation SC284P Datasheet HTML 15Page - Semtech Corporation SC284P Datasheet HTML 16Page - Semtech Corporation SC284P Datasheet HTML 17Page - Semtech Corporation SC284P Datasheet HTML 18Page - Semtech Corporation SC284P Datasheet HTML 19Page - Semtech Corporation SC284P Datasheet HTML 20Page - Semtech Corporation SC284P Datasheet HTML 21Page - Semtech Corporation SC284P Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
9
SC284P
Applications Information (continued)
Figure 6 — Soft Start Operation
Figure 5 — Current Limit Protection
J
M
K
L
Stages
Operation description
0
Chip is OFF.
1
Peak current limit at 20% level
PWM "ON" when inductor current of 0A
PWM "OFF" when inductor current hits peak current limit
Stage duration of 400µs
2
Peak current limit at 25% level
PWM "ON" when inductor current of 0A
PWM "OFF" when inductor current hits peak current limit
Stage duration of 400µs
3
Peak current limit at 40% level
PWM "ON" when inductor current of 500mA
PWM "OFF" when inductor current hits peak current limit
Stage duration of 400µs
4
Peak current limit at 100% level
PWM "ON" when inductor current of 500mA
PWM "OFF" when inductor current hits peak current limit
Stage duration of 400µs
5
Peak current limit at 100% level
Switch to closed-loop PWM operation.
6
Soft Start ends.
Normal PWM operation
Overload protection is enabled
Conditions
Operation description
A
VIN > UVLO Threshold
AND
One or more CTL pin is high.
AND
Internal reference is ready.
B
End of stage 1 AND Vout<86% of target
C
End of stage 2 AND Vout<86% of target
D
End of stage 3 AND Vout<86% of target
E
End of stage 4 AND Vout<86% of target
F
Vout>86% of target
G
Vout>86% of target
H
Vout>86% of target
I
End of soft start time of 1700µs
Stages
Operation description
6
Normal PWM operation
Overload protection is enabled and peak current limit at 100% level
7
Cycle by cycle peak current limit
8
OCP protection is activated.
Foldback peak current limit.
PWM "ON" when inductor current of 0A
PWM "OFF" when inductor current hits peak current limit of foldback
mode.
Conditions
Operation description
J
Inductor current hits peak current limit
K
Peak current limit for 16 consecutive cycles
L
Vout ≥ 100% target
M
Inductor current doesn't hit peak current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com