Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM256 Datasheet(PDF) 7 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM256
Description  Bluetooth Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM256 Datasheet(HTML) 7 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM256 Datasheet HTML 3Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 4Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2. GENERAL SPECIFICATION
General Specification
Chip Set
TI CC2564
Module ID
BTM256
BT Standard
Bluetooth
® V4.0 specification
Frequency Band
2.402GHz~2.480GHz ISM Band
Modulation
FHSS,GFSK,DPSK,DQPSK
Number of channels
79 channels for Classic Bluetooth
40 channels for Bluetooth Low Energy
Baseband Crystal OSC
26MHz
RF Input Impedance
50 ohms
Host Interface
l
PCM
l
HCI UART
Profile
Multiple Profiles by Host Bluetooth Stack
Operating Environment
Temperature
-40
ºC to +85ºC
Humidity
10%~95% Non-Condensing
Environmental
RoHS Compliant
Bluetooth Specification
Characteristics
Condition
TYP
BT Spec.
Unit
Output Power
Class 1.5
9.9
10.5
dBm
dF1 avg
161
140 ~ 175
KHz
dF2 max
129
>115
KHz
Modulation GFSK
dF2avg/dF1avg
86
80
%
RMS DEVM
5
13
%
%99 DEVM
10
20
%
Modulation EDR @ 8DPSK
Peaj DEVM
12
25
%
GFSK@ BER=0.1%
-91
-70
dBm
∏/4-DQPSK@ BER=0.1%
-91
-70
dBm
Sensitivity @ Dirty Tx On
8DPSK@ BER=0.1%
-84
-70
dBm
GFSK@ BER=0.1%
-10
-20
dBm
∏/4-DQPSK@ BER=0.1%
-10
-20
dBm
Maximum Input Level
8DPSK@ BER=0.1%
-10
-20
dBm
http://www.buddies-tech.com
BTM
256 DATASHEET
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com