Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM256 Datasheet(PDF) 18 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM256
Description  Bluetooth Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM256 Datasheet(HTML) 18 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM256 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
5. ELECTRICAL CHARACTERISTIC
5.1
Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VBAT
Input Supply Voltage
-0.5
5.5
V
VDD_IO
Digital Bluetooth I/O Voltage
-0.5
2.145
V
5.2
Recommended Operating Ratings
Symbol
Min.
Typ.
Max.
Unit
VBAT
2.2
3.3
4.8
V
VDD_IO
1.62
1.8
1.92
V
5.3 Power consumptions
Test conditions: VBAT=3.3V; Temp=25
ºC
Current @ VBAT
Item
Typ.(Target)
Max.
Unit
idle + sleep
0.04
mA
ACL
27
mA
ACL sniff
6.8
mA
ACL sniff + sleep
0.04
0.6 (peak)
mA
eSCO 2EV3(ACL connection on)
30
mA
eSCO 2EV3 + ACL sniff
13.5
mA
eSCO 2EV3 + ACL sniff + sleep
11.1
12.2
mA
Inquiry_scan and page_scan
398
μA
Inquiry_scan
99
μA
page_scan
256
μA
Adertising,nonconnectable (one time/1s)
107
μA
Adertising,discoverable (one time/1s)
113
μA
Scanning (one time/1s)
319
μA
Connected (master role) (one time/500ms)
125
μA
Table 1
Table 2
http://www.buddies-tech.com
BTM
256 DATASHEET
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com