Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM256 Datasheet(PDF) 11 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM256
Description  Bluetooth Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM256 Datasheet(HTML) 11 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM256 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
3.1 Pin Description
Pin#
Pin Name
Pad Type
Description
1
HCI_CTS
I
HCI UART clear-to-send.
2
HCI_TX
O
HCI UART data transmit
3
HCI_RX
I
HCI UART data receive
4
HCI_RTS
O
HCI UART request-to-send.
5
GND
Connect to Ground
6
FM_RX_ANT
I
No function, connect to ground
7
GND
Connect to Ground
8
SLOW_CLK_IN
I
32.768-kHz clock in
9
GND
Connect to Ground
10
FM_AUD_OUT_L
O
No function, not connected
11
FM_AUD_OUT_R
O
No function, not connected
12
VBAT
I
Battery voltage input(3.0-4.8V)
13
GND
Connect to Ground
14
BT_ANT
IO
Bluetooth RF IO
15
GND
Connect to Ground
16
nSHUTD
I
Shutdown input (active low).
17
GND
Connect to Ground
18
VDD_IO
I
I/O power supply 1.8 V Nom
19
AUD_IN
I
PCM data input. (NC if not used)
20
AUD_OUT
O
PCM data output. (NC if not used)
21
AUD_CLK
IO
PCM clock. (NC if not used)
http://www.buddies-tech.com
BTM
256 DATASHEET
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com