| Electronic Components Datasheet Search |
|
VISION2000-B Datasheet(PDF) 2 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
VISION2000-B Datasheet(HTML) 2 Page - MKS Instruments. |
|
2 / 4 page ![]() Description Process Eye™ Professional Control Platform The Vision 2000-B analyzer uses Process Eye Professional, a highly flexible, modular application operating under 32bit or 64bit Windows XP, Vista, Server 2008 or Windows 7. Designed with a “client/server” structure, Process Eye Professional incorporates TCP/IP protocol for full network compatibility. Process Eye Professional uses recipes to specify the way in which the instrument scans, displays data, and responds to the data acquired. Recipes are user configurable using the “Recipe Wizard” and are ideal for monitoring the various phases of repetitive recipes. Recipes can be linked together to address different monitoring conditions or to facilitate automatic calibration (using pre-defined calibration recipes). The single button push (or external signal) initiation of a Process Eye Professional recipe eliminates the need for highly skilled, full time operators. The flexibility of Process Eye Professional allows recipes to be configured that will: • Definedataacquisitionanddatadisplayparameters • Displaydatainsimultaneous“barchart”and“data trend” formats, allowing the comprehensive and clear investigation of significant trend events • Incorporatecustomwarningsandalarms,triggered or terminated when data highlights that process cond- itions have deviated from normal conditions or when specific events occur (e.g. valves opening/closing) • Monitoranddisplayotherparametersastrends,in relevant units (temperature, gas flow rate, power, pressure, etc.) which are linked into the Vision 2000-B analyzer through its flexible analog and digital I/O In addition, Process Eye Professional provides “live history” for quick on-line review of data trend events. Recently captured bar chart spectra are stored in a data buffer and can be reviewed by moving a cursor over the associated trend plot. TOOLweb® RGA Using TOOLweb RGA sensor integration option for process tools, the Vision 2000-B can be used as a transfer, buffer or loader chamber sensor in a completely automated process environment. TOOLweb RGA maintains a constant monitor of tool activities with all sensor data being framed by wafer logistics before alarm models are applied. Full alarm and data reporting to the FAB host and FDC are available so real time monitoring of chamber conditions and flagging of any process excursions from ideal conditions is possible. Data from a Vision 2000-B™ TOOLweb® RGA transfer module. The precise timing of slit valve pressure switch sensors compared to using SVIDS from the tool allows accurate diagnosis of which slit valve is causing an air leak on actuation. TOOLweb® RGA Screen Home page for a tool with a Vision 2000-B transfer module. The dashboard view presents a complete status report and auto- mated alarm analysis on one page. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |