Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VISION2000-B Datasheet(PDF) 3 Page - MKS Instruments.

Part # VISION2000-B
Description  VACUUM BASELINE MONITOR FOR PROCESS TOOLS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

VISION2000-B Datasheet(HTML) 3 Page - MKS Instruments.

  VISION2000-B Datasheet HTML 1Page - MKS Instruments. VISION2000-B Datasheet HTML 2Page - MKS Instruments. VISION2000-B Datasheet HTML 3Page - MKS Instruments. VISION2000-B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Performance
Mass Range Options
1-100 amu standard; 1-200 amu, 1-300 amu optional
Detector System
Dual (Faraday and secondary electron multiplier)
Maximum Operating Pressure
7.6e-5 Torr (1e-4 mbar)
Minimum Detectable Partial Pressure
Faraday
2e-11 Torr (2.7e-11 mbar)
Secondary electron multiplier
5e-14 Torr (6.7e-14 mbar)
Mass Stability
Better than ±0.1 amu over 8 hours at stable ambient temperature
Resolution
Better than 10% valley between peaks of equal height throughout the mass range
Analyzer & Housing
Bakeout Temperature & Bakeout Jacket
Optional for 200°C bakeout. 175w at 100-120Vac or 200-240 Vac.
Mounting Flange
Dn35CF (70mm/2.75” OD) Conflat® flange
Ion Source
Open ion source
Filaments
Replaceable twin Tungsten or Thoria filaments
Vacuum Hardware
Analyzer housing plus pneumatic isolation valve. Optional independent total pressure
gauge and/or valve and filament trip-box assemblies available for interlocked protection of
the RGA.
Mass Filter
Double filter (1” RF only pre-filter with 4” main filter)
Pneumatics
60-80 psig CDA
Control Unit/PC
Control Module Weight
1.7 kg
Power
24 VDC, 3.4A, external supply (included), 100-120V/200-240V, 2.1 Amp, 47-63 Hz
Maximum Operating Conditions
Electronics: 10-40°C, 80% RH (non-condensing)
LED Status Indication
Interlock status, emission OK, SEM, power and communications
I/O Capability
4 analog inputs (-11 to +11v, 22 bit), 2 analog outputs (0-10V, 12 bit), 16 digital TTL
I/O, 1 opto-isolated filament control input, one dedicated gauge port
Optional PC based
Generic I/O support for PCI slots, USB and Ethernet I/O devices. Modbus/GEM SECS
support for some product configurations.
Other Facilities
Leak check headset socket, external filament trip and instrument reset
Software
Process Eye Professional fully network compatible control platform generating under
Microsoft® Windows® 2000, XP* or Vista* (*recommended)
Communications
Ethernet CAT-5e
Minimum PC Specification Required
Required Intel® Pentium IV® or AMD Athlon XP 1.2GHz, 1024 MB RAM, 120 GB disk free
space drive. Multi-sensor installation may require higher specifications.
Simultaneous Multi-Sensor
Multi-Sensor Process Eye Professional client/server configuration offers flexible
multi-sensor operation
Total Shipping Weight
25 lbs (11.4 Kg)
Compliance
CE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com