| Electronic Components Datasheet Search |
|
VISION2000-B Datasheet(PDF) 1 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
VISION2000-B Datasheet(HTML) 1 Page - MKS Instruments. |
|
1 / 4 page ![]() Vision 2000-B™ VACUUM BASELINE MONITOR FOR PROCESS TOOLS The Vision 2000-B™ is designed to track levels of potentially damaging residual gases that can negatively impact the quality of product – for example, aluminum deposition can be negatively impacted by the presence of O 2 and H2O, which can lead to poor bulk film characteristics and surface roughness. The Vision 2000-B features the “smart head” technology from the Microvision 2. The electronics unit mounts directly onto the analyzer head, and connects to the system PC via an ethernet interface. The open ion source analyzer incorporates twin filaments, where the second “back-up” filament enables continued operation in the event of a filament failure. The user serviceable analyzer design allows the ion source to be easily removed and dismantled for cleaning. The standard system includes a double-filter analyzer for increased sensitivity of higher mass species, contamination resistance and enhanced long term stability. In addition, systems can be equipped with a heater jacket and pneumatic isolation valve. A 3-way pneumatic valve for manual control of isolation inlet valve is standard and optional pressure switch assemblies can be chosen to detect within milliseconds when a valve has opened or closed on the tool. This provides Vision 2000-B systems with the flexibility to fully satisfy the application requirements of any vacuum baseline RGA process. Features & Benefits • 100amustandardmassrange,200amu and 300 amu optional mass ranges • Housingsandheaterjackettomeetneeds of any process tool and vacuum baseline application • AvailablewithProcessEye™ Professional or optional TOOLweb® RGA software for — Automated, recipe based operation — User configurable, intelligent alarms — High level tool integration — Advanced data presentation (i.e. simultaneous bar chart/trend screen displays and display of valve movements) • Simultaneousmultiple-sensoroperation capability • Integrationwithtoolsforinterdictionand alarms • Alarmlevelsthatdynamicallychange based on the slit valve positions (when used in conjunction with TOOLweb RGA) Applications The Vision 2000-B is an application specific instrument designed to monitor vacuum pumpdown, baseline, and leakback conditions on semiconductor and thin film process tools, and to alert of conditions that can negatively impact product yield. In addition, the Vision 2000-B provides the information required to optimize vacuum quality with • Residualgasmonitoring,includingairand water • Contaminantmonitoring,including Hydrocarbons |
Similar Part No. - VISION2000-B |
|
Similar Description - VISION2000-B |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |