Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS699LSN Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS699LSN
Description  Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS699LSN Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS699LSN Datasheet HTML 5Page - Allegro MicroSystems ATS699LSN Datasheet HTML 6Page - Allegro MicroSystems ATS699LSN Datasheet HTML 7Page - Allegro MicroSystems ATS699LSN Datasheet HTML 8Page - Allegro MicroSystems ATS699LSN Datasheet HTML 9Page - Allegro MicroSystems ATS699LSN Datasheet HTML 10Page - Allegro MicroSystems ATS699LSN Datasheet HTML 11Page - Allegro MicroSystems ATS699LSN Datasheet HTML 12Page - Allegro MicroSystems ATS699LSN Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Two-Wire, Differential, Vibration-Resistant Sensor
with Speed and Direction Output
ATS699LSN
9
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Sensing Technology
The sensor IC contains a single-chip Hall-effect circuit that sup-
ports a trio of Hall elements. These are used in differential pairs
to provide electrical signals containing information regarding
edge position and direction of target rotation. The ATS699 is
intended for use with ferromagnetic targets.
After proper power is applied to the sensor IC, it is capable of
providing digital information that is representative of the mag-
netic features of a rotating target. The waveform diagrams in
Figure 4 present the automatic translation of the target profiles,
through their induced magnetic profiles, to the digital output
signal of the sensor IC.
Pin 3
Pin 1
Rotating Target
(Forward Rotation)
Branded Face
of Package
Pin 3
Pin 1
Rotating Target
(Reverse Rotation)
Branded Face
of Package
Panel A
Panel B
Direction Detection
The sensor IC compares the relative phase of its two differential
channels to determine which direction the target is moving. The
relative switching order is used to determine the direction, which
is communicated through the output protocol.
Data Protocol Description
When a target passes in front of the device (opposite the branded
face of the package case), the ATS699 generates an output pulse
for each tooth of the target. Speed information is provided by the
output pulse rate, while direction of target rotation is provided by
the duration of the output pulses. The sensor IC can sense target
movement in both the forward and reverse directions.
FORWARD ROTATION
As shown in panel A in Figure 5, when the target is rotating
such that a tooth near the sensor IC—of -Fxxxx variant—passes
from pin 1 to pin 3, this is referred to as forward rotation. This
direction is opposite for the -Rxxxx variant. Forward rotation is
indicated by output pulse widths of tw(FWD) (45 μs typical).
REVERSE ROTATION
As shown in panel B in Figure 5, when the target is rotating such
that a tooth passes from pin 3 to pin 1, it is referred to as reverse
rotation for the -Fxxxx variant. Reverse rotation is indicated by
output pulse widths of tw(REV) (90 μs typical for -xxNxx variant,
or 180 μs typical for -xxWxx variant).
Figure 4: Magnetic Profile
The magnetic profile reflects the features of the target, allowing
the sensor IC to present an accurate digital output(-xSxxx variant
shown).
Figure 5: Target Rotation (F Variant Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com