| Electronic Components Datasheet Search |
|
ATS699LSN Datasheet(PDF) 11 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS699LSN Datasheet(HTML) 11 Page - Allegro MicroSystems |
|
11 / 15 page ![]() Two-Wire, Differential, Vibration-Resistant Sensor with Speed and Direction Output ATS699LSN 11 Allegro MicroSystems, LLC 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Start-Up Detection/Calibration When power is applied to the ATS699, the sensor IC inter- nally detects the profile of the target. The gain and offset of the detected signals are adjusted during the calibration period, normalizing the internal signal amplitude for the air gap range of the device. The Automatic Gain Control (AGC) feature ensures that opera- tional characteristics are isolated from the effects of installation air gap variation. Automatic Offset Adjustment (AOA) is circuitry that compen- sates for the effects of chip, magnet, and installation offsets. This circuitry works with the AGC during calibration to adjust VPROC in the internal A-to-D range to allow for acquisition of signal peaks. AOA and AGC function separately on the two differential signal channels. Direction information is available after calibration is complete. For the –xxxBx variant, the output becomes active at the end of calibration. Figure 10 shows where the first output edges may occur for various starting target phases. For the –xxxPx variant, output pulses of tw(ND) are supplied dur- ing calibration. Figure 11 shows where the first output edges may occur for vari- ous starting target phases. Figure 10: Start-Up Position Effect on First Device Output Switching (-xxxBx Variant) Figure 11: Start-Up Position Effect on First Device Output Switching (-xxxPx Variant) t ICC Target Differential Magnetic Profile Target Rotation Opposite Valley Opposite Rising Edge Opposite Tooth Opposite Falling Edge Device Location at Power-On tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(FWD) or tW(REV) Tooth Valley t ICC Target Differential Magnetic Profile Target Rotation Opposite Valley Opposite Rising Edge Opposite Tooth Opposite Falling Edge Device Location at Power-On tW(FWD) or tW(REV) tW(ND) tW(ND) tW(ND) tW(ND) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(ND) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(ND) tW(ND) tW(ND) tW(FWD) or tW(REV) tW(FWD) or tW(REV) Tooth Valley |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |