Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS699LSN Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS699LSN
Description  Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS699LSN Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS699LSN Datasheet HTML 6Page - Allegro MicroSystems ATS699LSN Datasheet HTML 7Page - Allegro MicroSystems ATS699LSN Datasheet HTML 8Page - Allegro MicroSystems ATS699LSN Datasheet HTML 9Page - Allegro MicroSystems ATS699LSN Datasheet HTML 10Page - Allegro MicroSystems ATS699LSN Datasheet HTML 11Page - Allegro MicroSystems ATS699LSN Datasheet HTML 12Page - Allegro MicroSystems ATS699LSN Datasheet HTML 13Page - Allegro MicroSystems ATS699LSN Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Two-Wire, Differential, Vibration-Resistant Sensor
with Speed and Direction Output
ATS699LSN
10
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
TIMING
As shown in Figure 6, the pulse appears at the output slightly
before the sensed magnetic edge traverses the package branded
face. For targets rotating from pin 3 to 1, this shift (Δfwd with R
variants) results in the pulse corresponding to the valley with the
sensed mechanical edge; for targets rotating from pin 1 to 3, the
shift (Δrev) results in the pulse corresponding to the tooth with
the sensed edge. Figure 7 shows pulse timing for F variants. The
sensed mechanical edge that stimulates output pulses is kept the
same for both forward and reverse rotation by using only one
channel to control output switching.
Direction Validation
For the -xxxxL variant, following a direction change in run-
ning mode, direction changes are immediately transmitted to the
output.
For the -xxxxH variant, following a direction change in running
mode, output pulses have a width of tw(ND) until direction infor-
mation is validated.
Valley
Tooth
Pin 3 to 1 Rotation
Pin 1 to 3 Rotation
Output Pulse
(Pin 3 to 1 Rotation)
Output Pulse
(Pin 1 to 3 Rotation)
t
fwd
rev
t
w(FWD)
t
w(REV)
Figure 6: Output Protocol (-RSxxx Variant)
Output Pulse
(Pin 3 to 1 Rotation)
Output Pulse
(Pin 1 to 3 Rotation)
t
fwd
rev
t
w(FWD)
t
w(REV)
Figure 7: Output Protocol (-FDxxx Variant)
Target
Differential
Magnetic
Profile
t
t
w(FWD)
IOUT
t
w(FWD)
t
w(REV)
t
w(REV)
Target Rotation Forward
Target Rotation Reverse
Valley
Tooth
Figure 8: Running Mode Direction Change (-FSxxL Variant)
Target
Differential
Magnetic
Profile
t
t
w(FWD)
IOUT
t
w(FWD)
t
w(ND)
t
w(REV)
Target Rotation Forward
Target Rotation Reverse
Valley
Tooth
Figure 9: Running Mode Direction Change (-FSxxH Variant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com