Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7100 Datasheet(PDF) 67 Page - Pericom Semiconductor Corporation

Part # PI7C7100
Description  3-Port PCI Bridge
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7100 Datasheet(HTML) 67 Page - Pericom Semiconductor Corporation

Back Button PI7C7100 Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C7100 Datasheet HTML 71Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
59
09/18/00 Rev 1.1
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567
PI7C7100
3-Port PCI Bridge
ADVANCE INFORMATION
13.2.6 Configuration Register 1 or 2: Status Register (for primary bus, bits 31-16; offset 04h)
t
i
Bn
o
i
t
c
n
u
Fe
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1
3r
o
r
r
E
y
t
i
r
a
P
d
e
t
c
e
t
e
DC
W
/
Re
h
t
f
o
s
s
e
l
d
r
a
g
e
r
d
e
t
c
e
t
e
d
s
i
r
o
r
r
e
y
t
i
r
a
p
a
r
e
v
e
n
e
h
w
t
e
s
e
b
d
l
u
o
h
S
.
r
e
t
s
i
g
e
r
d
n
a
m
m
o
c
e
h
t
f
o
6
t
i
b
f
o
e
t
a
t
s
0
o
t
t
e
s
e
R
0
3r
o
r
r
E
m
e
t
s
y
S
d
e
l
a
n
g
i
SC
W
/
R.
d
e
t
r
e
s
s
a
s
i
#
R
R
E
S
_
P
r
e
v
e
n
e
h
w
t
e
s
e
b
d
l
u
o
h
S
0
o
t
t
e
s
e
R
9
2t
r
o
b
A
r
e
t
s
a
M
d
e
v
i
e
c
e
RC
W
/
Rd
e
t
a
n
i
m
r
e
t
e
r
a
s
n
o
it
c
a
s
n
a
r
t
n
e
h
w
)
r
e
t
s
a
m
a
y
b
(
'
1
'
o
t
t
e
S
.
t
r
o
b
A
r
e
t
s
a
M
h
t
i
w
0
o
t
t
e
s
e
R
8
2t
r
o
b
A
t
e
g
r
a
T
d
e
v
i
e
c
e
RC
W
/
Rd
e
t
a
n
i
m
r
e
t
e
r
a
s
n
o
it
c
a
s
n
a
r
t
n
e
h
w
)
e
c
i
v
e
d
r
e
t
s
a
m
a
y
b
(
'
1
'
o
t
t
e
S
.
t
r
o
b
A
t
e
g
r
a
T
h
t
i
w
0
o
t
t
e
s
e
R
7
2t
r
o
b
A
t
e
g
r
a
T
d
e
l
a
n
g
i
SC
W
/
Rt
r
o
b
A
t
e
g
r
a
T
a
r
e
v
e
n
e
h
w
)
e
c
i
v
e
d
t
e
g
r
a
t
a
y
b
(
t
e
s
e
b
d
l
u
o
h
S
.
s
r
u
c
c
o
e
l
c
y
c
0
o
t
t
e
s
e
R
5
2
-
6
2g
n
i
m
i
T
L
E
S
V
E
DO
/
R.
g
n
i
m
it
#
L
E
S
V
E
D
m
u
i
d
e
M
'
1
0
'
o
t
t
e
s
e
R
4
2d
e
t
c
e
t
e
D
r
o
r
r
E
y
t
i
r
a
P
a
t
a
DC
W
/
R:
t
e
m
e
r
a
s
n
o
it
i
d
n
o
c
g
n
i
w
o
ll
o
f
e
h
t
n
e
h
w
t
e
s
s
i
tI
d
e
t
r
e
s
s
a
s
i
#
R
R
E
P
_
P
.
1
t
e
s
s
i
r
e
t
s
i
g
e
R
d
n
a
m
m
o
C
f
o
6
t
i
B
.
2
0
o
t
t
e
s
e
R
3
2e
l
b
a
p
a
C
k
c
a
B
o
t
k
c
a
B
t
s
a
FO
/
R.
e
d
i
s
y
r
a
m
i
r
p
n
o
e
l
b
a
p
a
c
e
t
i
r
w
k
c
a
b
-
o
t
-
k
c
a
b
t
s
a
F
1
o
t
t
e
s
e
R
2
2d
e
v
r
e
s
e
RO
/
R
0
o
t
t
e
s
e
R
1
2d
e
v
r
e
s
e
RO
/
R
1
o
t
t
e
s
e
R
0
2t
s
i
L
s
e
it
il
i
b
a
p
a
CO
/
R.
d
e
t
r
o
p
p
u
s
t
o
n
s
i
t
s
i
L
s
e
it
il
i
b
a
p
a
C
0
o
t
t
e
s
e
R
6
1
-
9
1d
e
v
r
e
s
e
RO
/
R
0
o
t
t
e
s
e
R
Note: R/W - Read/Write; R/O - Read Only; R/WC - Read/Write1 to clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com