Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5259
Description  MAX5258 Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5259 Datasheet HTML 1Page - Maxim Integrated Products MAX5259 Datasheet HTML 2Page - Maxim Integrated Products MAX5259 Datasheet HTML 3Page - Maxim Integrated Products MAX5259 Datasheet HTML 4Page - Maxim Integrated Products MAX5259 Datasheet HTML 5Page - Maxim Integrated Products MAX5259 Datasheet HTML 6Page - Maxim Integrated Products MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX5258 evaluation kit (EV kit) provides a proven
design to evaluate the MAX5258 low-power, 8-bit octal,
digital-to-analog converter (DAC). The EV kit also
includes Windows® 2000/XP- and Windows Vista®-com-
patible software that provides a simple graphical user
interface (GUI) for exercising the features of the
MAX5258.
The MAX5258 EV kit PCB comes with a MAX5258EEE+
installed. This EV kit can also be used to evaluate the
MAX5259EEE+ low-power 8-bit octal DAC (2.7V to 3.6V).
Contact the factory for free samples of the
MAX5259EEE+.
Features
o Windows 2000/XP- and Windows Vista
(32-Bit)-Compatible Software
o Supports Standard SPI™ Interface
o USB-PC Connection (Cable Included)
o USB Powered
o 16-Pin DAC Output Signal Header
o Proven PCB Layout
o Lead-Free and RoHS Compliant
o Fully Assembled and Tested
MAX5258 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4285; Rev 0; 9/08
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
DESIGNATION
QTY
DESCRIPTION
C1, C3–C10,
C17, C25, C27,
C28, C29, C31,
C32, C34, C35,
C36, C37
20
0.1µF
±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C2, C13, C15,
C26, C33
5
10µF
±20%, 6.3V X5R ceramic
capacitors (0805)
TDK C2012X5R0J106M
C11, C12
2
10pF ±5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H100J
C14, C16
2
1µF ±20%, 6.3V X5R ceramic
capacitors (0603)
TDK C1608X5R0J105K
TDK C1608X5R0J105M
C18, C19
2
22pF ±5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H220J
C20
1
3300pF ±10%, 50V X7R ceramic
capacitor (0603)
TDK C1608X7R1H332K
C30
1
4.7µF ±20%, 16V X7R ceramic
capacitor (1206)
TDK C3216X7R1C475M
D1
1
Green LED (0603)
FB1
1
0
Ω ±5% resistor (0603)
DESIGNATION
QTY
DESCRIPTION
H1
0
Not installed, 10-pin JTAG header
H2
1
Dual-row (2 x 8) 16-pin header
H3
1
Dual-row (2 x 5) 10-pin header
JUA–JUE
0
Not installed
JU1–JU5
5
3-pin headers
JU6, JU7
2
4-pin headers
P1
1
USB type-B right-angle female
receptacle
R1
1
0
Ω ±5% resistor (0603)
R2
1
220
Ω ±5% resistor (0603)
R3
1
10k
Ω ±5% resistor (0603)
R4
1
2.2k
Ω ±5% resistor (0603)
R5
1
1.5k
Ω ±5% resistor (0603)
R6, R7
2
27
Ω ±5% resistors (0603)
R8–R15
8
100k
Ω ±5% resistors (0603)
R16
0
Not installed, resistor (0402)
U1
1
Octal low-power DAC (16 QSOP)
Maxim MAX5258EEE+
U2
1
Microcontroller (68 QFN-EP*)
Maxim MAXQ2000-RAX+
U3
1
93C46 type 3-wire EEPROM (8 SO)
16-bit architecture
PART
TYPE
MAX5258EVKIT+
EV Kit
Windows and Windows Vista are registered trademarks of
Microsoft Corp.
+
Denotes lead-free and RoHS compliant.
SPI is a trademark of Motorola, Inc.
*
EP = Exposed pad.


Similar Part No. - MAX5259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5259 MAXIM-MAX5259 Datasheet
509Kb / 20P
3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
MAX5259EEE MAXIM-MAX5259EEE Datasheet
509Kb / 20P
3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
More results

Similar Description - MAX5259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com